Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SRI512_11 Datasheet HTML 39Page - STMicroelectronics SRI512_11 Datasheet HTML 40Page - STMicroelectronics SRI512_11 Datasheet HTML 41Page - STMicroelectronics SRI512_11 Datasheet HTML 42Page - STMicroelectronics SRI512_11 Datasheet HTML 43Page - STMicroelectronics SRI512_11 Datasheet HTML 44Page - STMicroelectronics SRI512_11 Datasheet HTML 45Page - STMicroelectronics SRI512_11 Datasheet HTML 46Page - STMicroelectronics SRI512_11 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
SRI512
46/47
Doc ID 13263 Rev 6
Revision history
Table 11.
Document revision history
Date
Revision
Changes
10-Apr-2006
1
Initial release.
31-Oct-2006
2
Document status promoted from Target Specification to Preliminary
Data.
The Resettable OTP area can no longer be optionally set as a
lockable EEPROM area. References to the OTP_Config_bit
removed, this bit is always at ‘0’.
VRET and CTUN added to Table 8: DC characteristics.
05-Apr-2007
3
Document status promoted from Preliminary Data to full Datasheet.
CTUN min and max values removed, typical value added in Table 8:
DC characteristics. Small text changes.
All antennas are ECOPACK® compliant.
28-Aug-2008
4
SRI512 products are no longer delivered with A3, A4 and A5
antennas. Table 6: Absolute maximum ratings and Table 10:
Ordering information scheme clarified. Small text changes.
28-Jul-2009
5
Initial counter values corrected in Section 4.2: 32-bit binary counters.
13-Sep-2011
6
Updated Section 1: Description.
Modified disclaimer on last page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com