Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5162 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5162
Description  Low-cost interactive set-top box decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5162 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5162 Datasheet HTML 1Page - STMicroelectronics STI5162 Datasheet HTML 2Page - STMicroelectronics STI5162 Datasheet HTML 3Page - STMicroelectronics STI5162 Datasheet HTML 4Page - STMicroelectronics STI5162 Datasheet HTML 5Page - STMicroelectronics STI5162 Datasheet HTML 6Page - STMicroelectronics STI5162 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2009
Rev 3
1/7
7
STi5162
Low-cost interactive set-top box decoder
Features
■
Enhanced ST20 32-bit VL-RISC CPU
■
Unified memory interface
– up to 133 MHz, 16-bit wide SDR SDRAM,
– up to 166 MHz, 16-bit wide DDR SDRAM
■
Programmable Flash memory interface
■
Demodulator compatible with I and Q or IF
inputs for tuner interface
■
Channel management
■
Digital carrier, timing & symbol recovery loops
■
Decoding
– QPSK - 16 QAM - 64 QAM constellations
■
MPEG-2 MP@ML video decoder
■
Graphics and display
– 3 display planes
– 2D paced blitter engine with fill function
■
Programmable transport interface (PTI)
– single transport stream input for DVB
■
Central DMA controller
■
PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with four
10-bit DAC outputs.
■
Audio subsystem
– simultaneous MPEG audio decode and
output of Dolby streams on S/PDIF
– IEC958/IEC1937 digital audio output
interface
– integrated stereo audio DAC
■
On-chip peripherals
– ASC (UART) with Tx and Rx FIFOs
– 3 banks of 8-bit programmable I/O
– integrated VCXO
■
JTAG/TAP interface
■
Package
– 15 mm x 15mm PBGA240 0.8 mm pitch.
16
ST20 C1 core 200 MHz
DCU
4K ICache
4K SRAM
Int controller
4K DCache
Audio
decoder
16
Audio
DACs
Comms peripherals
Audio output
AudioL/R S/PDIF
16
STBus Interconnect
Video output
RGB/YC/CVBS
FDMA
TS in
TS merger
COFDM
DVB/ICAM/DES
PTI
IF
PIO
IR
Rx
2x ASC
(UART)
2x
SSC
LMI
PCM + S/PDIF
player
Comms block
DENC
DVO
BDISP
GDMA
8KB
TILE
LCMPEG2
DDR/SDR
SDRAM
FMI + SPI
Digital video
NOR
FLASH
www.st.com


Similar Part No. - STI5162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5167 STMICROELECTRONICS-STI5167 Datasheet
67Kb / 8P
Low-cost interactive set-top box with advanced features
10-Apr-2009
More results

Similar Description - STI5162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STM5118 STMICROELECTRONICS-STM5118 Datasheet
202Kb / 3P
Low-cost interactive FTA set-top box decoder
Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5167 STMICROELECTRONICS-STI5167 Datasheet
67Kb / 8P
Low-cost interactive set-top box with advanced features
10-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com