Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5162 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI5162
Description  Low-cost interactive set-top box decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5162 Datasheet(HTML) 4 Page - STMicroelectronics

  STI5162 Datasheet HTML 1Page - STMicroelectronics STI5162 Datasheet HTML 2Page - STMicroelectronics STI5162 Datasheet HTML 3Page - STMicroelectronics STI5162 Datasheet HTML 4Page - STMicroelectronics STI5162 Datasheet HTML 5Page - STMicroelectronics STI5162 Datasheet HTML 6Page - STMicroelectronics STI5162 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Description
STi5162
4/7
–
8 bpp CLUT graphics, 256 x 30 bits (AYCbCr) CLUT entries. 16 bpp true color
graphics, RGB565, ARGB1555, ARGB4444 formats. Link-list control
–
alpha blending, antialiasing, antiflutter, antiflicker filters
–
2D paced blitter engine with fill function
–
blitter based display compositor
●
PAL/NTSC/SECAM encoder
–
RGB, CVBS, Y/C and YUV outputs with four 10-bit DAC outputs. RGB/CVBS or
YUV/CVBS or YC/CVBS
–
encoding of CGMS closed caption, Teletext, WSS and VPS
●
Audio subsystem
–
MPEG-1 layers I/II
–
simultaneous MPEG audio decode and output of Dolby streams on S/PDIF
–
IEC958/IEC1937 digital audio output interface
–
integrated stereo audio DACs
●
Central DMA controller
●
On-chip peripherals
–
ASC (UART) with Tx and Rx FIFOs
–
3 banks of 8-bit programmable I/O
–
SPI for serial Flash support
–
2 SSCs for I2C/SPI master/slave interfaces
–
infrared receiver
–
integrated VCXO
–
low-power / RTC / watchdog controller
–
flexible clock generation to operate with 4 MHz or 27 MHz external reference
●
JTAG/TAP interface
●
Package
–
15mm x 15mm PBGA240 0.8 mm pitch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com