Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5167 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5167
Description  Low-cost interactive set-top box with advanced features
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5167 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5167 Datasheet HTML 1Page - STMicroelectronics STI5167 Datasheet HTML 2Page - STMicroelectronics STI5167 Datasheet HTML 3Page - STMicroelectronics STI5167 Datasheet HTML 4Page - STMicroelectronics STI5167 Datasheet HTML 5Page - STMicroelectronics STI5167 Datasheet HTML 6Page - STMicroelectronics STI5167 Datasheet HTML 7Page - STMicroelectronics STI5167 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2009
Rev 3
1/8
8
STi5167
Low-cost interactive set-top box with advanced features
Features
■
Enhanced ST20 32-bit VL-RISC CPU
■
Unified memory interface
– up to 133 MHz, 16-bit wide SDR SDRAM,
– up to 166 MHz, 16-bit wide DDR SDRAM
■
Programmable Flash memory interface
■
Demodulator compatible with I and Q or IF
inputs for tuner interface
■
Channel management
■
Digital carrier, timing & symbol recovery loops
■
Decoding
– QPSK - 16 QAM - 64 QAM constellations
■
MPEG-2 MP@ML video decoder
■
Graphics and display
– 3 display planes
– 2D paced blitter engine with fill function
■
Programmable transport interface (PTI)
– single transport stream input for DVB
■
Central DMA controller
■
Advanced security ready
– compatible with latest CA requirement
■
PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with four
10-bit DAC outputs.
■
Audio subsystem
– simultaneous MPEG audio decode and
output of Dolby streams on S/PDIF
– IEC958/IEC1937 digital audio output
interface
– integrated stereo audio DAC
■
On-chip peripherals
– ASC (UART) with Tx and Rx FIFOs
– 3 banks of 8-bit programmable I/O
– integrated VCXO
■
JTAG/TAP interface
■
Package
– 15 mm x 15mm PBGA 240 0.8 mm pitch
16
ST20 C1 core 200 MHz
DCU
4K ICache
4K SRAM
Int controller
4K DCache
Audio
decoder
16
Audio
DACs
Comms peripherals
Audio output
AudioL/R S/PDIF
16
STBus Interconnect
Video output
RGB/YC/CVBS
FDMA
TS in
TS merger
COFDM
DVB/ICAM/DES
PTI
IF
PIO
IR
Rx
2x ASC
(UART)
2x
SSC
LMI
PCM + S/PDIF
player
Comms block
DENC
DVO
BDISP
GDMA
8KB
TILE
LCMPEG2
DDR/SDR
SDRAM
FMI + SPI
Digital video
NOR
FLASH
www.st.com


Similar Part No. - STI5167

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
More results

Similar Description - STI5167

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STM5118 STMICROELECTRONICS-STM5118 Datasheet
202Kb / 3P
Low-cost interactive FTA set-top box decoder
Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
logo
Broadcom Corporation.
BCM93740 BOARDCOM-BCM93740 Datasheet
551Kb / 2P
ADVANCED 3D SET-TOP BOX DEVELOPMENT PLATFORM
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com