Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5167 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI5167
Description  Low-cost interactive set-top box with advanced features
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5167 Datasheet(HTML) 4 Page - STMicroelectronics

  STI5167 Datasheet HTML 1Page - STMicroelectronics STI5167 Datasheet HTML 2Page - STMicroelectronics STI5167 Datasheet HTML 3Page - STMicroelectronics STI5167 Datasheet HTML 4Page - STMicroelectronics STI5167 Datasheet HTML 5Page - STMicroelectronics STI5167 Datasheet HTML 6Page - STMicroelectronics STI5167 Datasheet HTML 7Page - STMicroelectronics STI5167 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Description
STi5167
4/8
1.3
Main features
●
Enhanced ST20 32-bit VL-RISC CPU
–
200 MHz, single cycle cache, 4 Kbyte instruction cache, 4 Kbyte data cache,
4 Kbyte SRAM
●
Local memory interface
–
up to 133 MHz, 16-bit wide SDR SDRAM,
–
up to 166 MHz, 16-bit wide DDR SDRAM
●
Programmable Flash memory interface
–
3 separately configurable banks, 8/16-bits wide
–
SRAM, peripheral, Flash, SFlash™ support
●
Demodulator compatible with I and Q or IF inputs for tuner interface
–
wide range carrier tracking loop for offset recovery
–
dual analog to digital conversion
–
signal strength indicator dedicated ADC
–
dual
ΣΔ digital split AGC for RF and BB
●
Channel management
–
NorDig Unified Specification (v1.0.2) capable
–
dynamic fading compatible
–
channel reception quality indicator
–
out of guard interval echo synchronization
–
impulsive noise rejection capable
–
flexible fully-integrated digital channel filter with outstanding adjacent channel
rejection capability
●
Digital carrier, timing & symbol recovery loops
●
Decoding
–
2 K, 4 K, 8 K FFT length
–
5, 6, 7 and 8 MHz channel bandwidth
–
1/4, 1/8, 1/16, 1/32 guard interval length
–
QPSK - 16 QAM - 64 QAM constellations
–
hierarchical capability
–
Viterbi soft decoder rate 1/2
–
supports puncture rates 1/2, 2/3, 3/4, 5/6, 7/8
–
Reed-Solomon decoder
–
energy dispersal descrambler
●
Programmable transport interface (PTI)
–
single transport stream input
–
support for DVB transport streams
–
integrated DVB, ICAM descramblers
●
MPEG-2 MP@ML video decoder
–
fully programmable horizontal and vertical SRCs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com