Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6437 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6437
Description  Audio/video buffer and four-channel SD/PS/HD video filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6437 Datasheet(HTML) 2 Page - STMicroelectronics

  STV6437 Datasheet HTML 1Page - STMicroelectronics STV6437 Datasheet HTML 2Page - STMicroelectronics STV6437 Datasheet HTML 3Page - STMicroelectronics STV6437 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STV6437
2/4
Doc ID 019028 Rev 1
1
Introduction
The STV6437 is an I²C-controlled integrated circuit for filtering and buffering audio and
video signals in any consumer electronics application with HD component and SD analog
outputs. It can be used in products such as HD set-top boxes or DVD/BD players and
recorders.
The STV6437 has a high level of integration and requires only the usual passive
components for decoupling and termination. The tiny package VFQFPN-28 ensures a small
footprint.
The STV6437 is one of the family of three, pin-compatible products (Figure 1) that complete
the new generation of audio and video switches and buffers from STMicroelectronics.
Together they cover, both technically and price-wise, the whole market spectrum from
mid-range SD retail (zapper set-top boxes or basic recorders) up to DVR HD operators
(set-top boxes or recorders with HD component output).
Features
Benefits
DC-coupled video inputs.
Reduces component count.
AC- and DC-coupled high-drive capability video
outputs (for 70-
Ω (minimum) loads).
Connects to any type of display and drives several
composite and RF modulator outputs without
external active components.
Smart pop-noise manager.
Allows silent swap between active and standby
modes.
Selective standby command for audio and each
set of SD or HD video outputs.
As low as 4-mW standby consumption supporting
compliance to 0.5-W standby requirements.
8-step selectable audio gain up to +28 dB,
supporting output of 3.1 V RMS (minimum).
Easy fine-tune of THD and SNR depending on
requirements, whilst matching any specific audio
output level, including China Cable, and saving
external op-amps.
Pin-compatibility with two other products.
Combines single-device space-saving (up to 50%)
benefits with commodity price/flexibility benefits to
allow a single PCB design covering the entire
market spectrum.
Pin-compatibility with STV6440AJ.
Provides dual-source solution at no cost premium
in case of market shortage or sudden rise in
demand.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com