Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6437 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6437
Description  Audio/video buffer and four-channel SD/PS/HD video filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6437 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6437 Datasheet HTML 1Page - STMicroelectronics STV6437 Datasheet HTML 2Page - STMicroelectronics STV6437 Datasheet HTML 3Page - STMicroelectronics STV6437 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
August 2011
Doc ID 019028 Rev 1
1/4
4
STV6437
Audio/video buffer and four-channel SD/PS/HD video filter
Features
■
I2C bus control
■
Video section:
– Selectable 7-MHz/15-MHz/30-MHz, low-
pass filters, plus bypass, on three encoder
video inputs
– 7-MHz, low-pass filter on one encoder
video input
– DC-coupled inputs
– Each output is capable of driving an AC- or
DC-coupled, 150-
Ω video load at 3 V pp
and CVBS output can drive a dual, 75-
Ω
video load
– Fixed gain of 6 dB for each channel
– Selective video output muting of HD and
SD channels
■
Audio section:
– Stereo sound capability
– Differential or single-ended audio inputs
– Audio outputs drive 2-k
Ω loads at 3 V RMS
– Selectable audio gain of 0 to 28 dB
– Audio output muting
– 9 V to 12 V single supply operation
– Pop-noise suppression management
■
Low power mode
– Audio/video standby function
Applications
■
Set-top boxes (IP, cable, satellite, terrestrial)
■
Integrated digital TV plug-in
■
Blu-ray and DVD players
Description
The STV6437 is a fully integrated solution for
filtering and buffering standard-definition,
progressive-scan and high-definition signals, and
buffering stereo audio signals from the MPEG
decoder of a digital receiver, Blu-ray or DVD
player, or iDTV plug-in.
The STV6437 embeds four buffers with low-pass
filters, three for HD (selectable 7/15/30 MHz) and
one for SD (7 MHz), and a dual audio amplifier
that operates with either differential or single-
ended inputs.
VFQFPN-28 EPD 5× 5 × 1 mm3
(28-pin very fine quad flat pack with exposed pad
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STV6437AJ
0 to 70 °C
VFQFPN-28 (5 × 5 mm2)
EPD
Tray
STV6437AJT
0 to 70 °C
VFQFPN-28 (5 × 5 mm2)
EPD
Tape and reel
www.st.com


Similar Part No. - STV6437

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
Audio/Video Output Buffers for STB and DVD Devices
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434 STMICROELECTRONICS-STV6434 Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434D STMICROELECTRONICS-STV6434D Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STV6434S STMICROELECTRONICS-STV6434S Datasheet
234Kb / 18P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
More results

Similar Description - STV6437

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
Audio/video switch and 6-channel SD video filter
27-Jun-2008
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
STMicroelectronics
STV6418 STMICROELECTRONICS-STV6418_11 Datasheet
103Kb / 4P
Audio/video switch and 6-channel SD/PS/HD video filter
23-Sep-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com