Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6440 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6440
Description  Audio/video buffer and 6-channel SD/PS/HD video filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6440 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6440 Datasheet HTML 1Page - STMicroelectronics STV6440 Datasheet HTML 2Page - STMicroelectronics STV6440 Datasheet HTML 3Page - STMicroelectronics STV6440 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
August 2011
Doc ID 019027 Rev 1
1/4
4
STV6440
Audio/video buffer and 6-channel SD/PS/HD video filter
Features
■
I2C bus control
■
Video section:
– Selectable 7-MHz/15-MHz/30-MHz, low-
pass filters, plus bypass, on three encoder
video inputs
– 7-MHz, low-pass filters on three encoder
video inputs
– DC-coupled inputs
– Each output is capable of driving an AC- or
DC-coupled, 150-
Ω video load at 3 V pp
and provides a 6-dB gain. One output can
drive a dual, 75-
Ω video load
– Selective video output muting
■
Audio section:
– Stereo sound capability
– Differential or single-ended audio inputs
– Audio outputs drive 2-k
Ω loads at 3 V RMS
– Selectable audio gain of 0 to 28 dB
– Audio output muting
– 9 V to 12 V single supply operation
– Click-noise suppression management
– Pop-noise suppression management
■
Low power mode
– Audio/video standby function
Applications
■
Set-top boxes (IP, cable, satellite, terrestrial)
■
Integrated digital TV plug-in
■
Blu-ray and DVD players
Description
The STV6440 is a fully integrated solution for
filtering and buffering standard-definition,
progressive-scan and high-definition signals, and
buffering stereo audio signals from the MPEG
decoder of a digital receiver, Blu-ray or DVD
player, or iDTV plug-in.
The STV6440 embeds two triple buffers with low-
pass filters, one for HD (selectable 7/15/30 MHz)
and one for SD (7 MHz), and a dual audio
amplifier that operates with either differential or
single-ended inputs.
VFQFPN-28 EPD 5× 5 × 1 mm3
(28-pin very fine quad flat pack with exposed pad
down)
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STV6440AJ
0 to 70 °C
VFQFPN-28 (5 × 5 mm2)
EPD
Tray
STV6440AJT
0 to 70 °C
VFQFPN-28 (5 × 5 mm2)
EPD
Tape and reel
www.st.com


Similar Part No. - STV6440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
STV6400D STMICROELECTRONICS-STV6400D Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
STV6404E-001 STMICROELECTRONICS-STV6404E-001 Datasheet
786Kb / 54P
Mono and Colour Digital Video CMOS Image Sensors
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
VIDEO MATRIX
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
More results

Similar Description - STV6440

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
Audio/video switch and 6-channel SD video filter
27-Jun-2008
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
STMicroelectronics
STV6418 STMICROELECTRONICS-STV6418_11 Datasheet
103Kb / 4P
Audio/video switch and 6-channel SD/PS/HD video filter
23-Sep-2011
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com