Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVVGLNA Datasheet(PDF) 3 Page - STMicroelectronics

Part # STVVGLNA
Description  General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVVGLNA Datasheet(HTML) 3 Page - STMicroelectronics

  STVVGLNA Datasheet HTML 1Page - STMicroelectronics STVVGLNA Datasheet HTML 2Page - STMicroelectronics STVVGLNA Datasheet HTML 3Page - STMicroelectronics STVVGLNA Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STVVGLNA
Ordering information
Doc ID 018892 Rev 1
3/4
2
Ordering information
3
Revision history
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STVVGLNA
-35 to 85 °C
VFQFPN-16L EPD
Tray
STVVGLNAT
-35 to 85 °C
VFQFPN-16L EPD
Reel
Table 2.
Document revision history
Date
Revision
Changes
01-Jun-2011
1
Initial release.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com