Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVVGLNA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STVVGLNA
Description  General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVVGLNA Datasheet(HTML) 1 Page - STMicroelectronics

  STVVGLNA Datasheet HTML 1Page - STMicroelectronics STVVGLNA Datasheet HTML 2Page - STMicroelectronics STVVGLNA Datasheet HTML 3Page - STMicroelectronics STVVGLNA Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2011
Doc ID 018892 Rev 1
1/4
4
STVVGLNA
General-purpose, variable-gain, low-noise, RF amplifier
for broadcast receiver applications
Features
■
75-
Ω single-ended input impedance
■
75-
Ω single-ended or 150-Ω differential output
impedance
■
Dual differential or single-ended outputs
■
Single 3.3-V DC supply
■
Input frequency range 50 to 2150 MHz
■
Fully integrated RF AGC with power monitoring
■
Low external component count
■
Low power consumption (145 mW typical)
■
Temperature range -35 °C to 85 °C
■
Compatible with 5-V and 3.3-V I2C bus
■
I2C bus control (option)
■
Four selectable I2C addresses C8,CA,CC,CE
Applications
■
Satellite set-top boxes
■
SMATV RF accessories
■
LNBs
■
DVB-T active indoor antennas
Package
■
VFQFPN-16L 3x3x0.85 mm3 with exposed pad
down (EPD)
■
Environmentally friendly packaging, RoHS
(2002/95/EC) compliant.
Description
The STVVGLNA is a general-purpose, low-noise
amplifier with a gain range of -17 dB to +15 dB. Its
gain is regulated either autonomously by an
integrated AGC loop or by software control.
It can be used, for example, as an input amplifier
for a satellite set-top box.
Figure 1.
STVVGLNA block diagram
STVVGLNA
SCL
SDA
VAGCI
VAGCO
AGC loop
I2C
TV1
tuner
DVR
tuner
F
www.st.com


Similar Part No. - STVVGLNA

ManufacturerPart #DatasheetDescription
logo
ABB
STVVE3LS1X ABB-STVVE3LS1X Datasheet
255Kb / 2P
LED 2W M3 NAVI COMPACT WHT SLFTST
More results

Similar Description - STVVGLNA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com