Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP86608 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP86608
Description  CMOS 8-bit Single Chip Microcomputer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86608 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP86608 Datasheet HTML 14Page - Sony Corporation CXP86608 Datasheet HTML 15Page - Sony Corporation CXP86608 Datasheet HTML 16Page - Sony Corporation CXP86608 Datasheet HTML 17Page - Sony Corporation CXP86608 Datasheet HTML 18Page - Sony Corporation CXP86608 Datasheet HTML 19Page - Sony Corporation CXP86608 Datasheet HTML 20Page - Sony Corporation CXP86608 Datasheet HTML 21Page - Sony Corporation CXP86608 Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
– 21 –
CXP86608/86612/86616
Fig. 11. Characteristic curves
IDD vs. VDD
(fc = 16MHz, Ta = 25°C, Typical)
15
10
5
fc – System clock [MHz]
IDD vs. fc
(VDD = 5V, Ta = 25°C, Typical)
3
4
5
6
0.1
1
VDD – Supply voltage [V]
7
2
0.01
10
1/16 dividing mode
1/4 dividing mode
Sleep mode
100
32kHz sleep mode
32kHz operation mode
1/2 dividing mode
1/2 dividing mode
1/4 dividing mode
1/16 dividing mode
Sleep mode
10
0
5
15
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com