Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP86608 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP86608
Description  CMOS 8-bit Single Chip Microcomputer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86608 Datasheet(HTML) 5 Page - Sony Corporation

  CXP86608 Datasheet HTML 1Page - Sony Corporation CXP86608 Datasheet HTML 2Page - Sony Corporation CXP86608 Datasheet HTML 3Page - Sony Corporation CXP86608 Datasheet HTML 4Page - Sony Corporation CXP86608 Datasheet HTML 5Page - Sony Corporation CXP86608 Datasheet HTML 6Page - Sony Corporation CXP86608 Datasheet HTML 7Page - Sony Corporation CXP86608 Datasheet HTML 8Page - Sony Corporation CXP86608 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXP86608/86612/86616
(Port A)
8-bit I/O port.
I/O can be set in a
unit of single bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port C)
Lower 6 bits are I/O ports; I/O can be set in a unit of single bits. Upper 2bits
are output port and large current (12mA) N-channel open drain output.
Upper 2 bits are medium voltage drive (12V), lower 6 bits are 5V drive.
(8 pins)
(Port D)
8-bit I/O port.
I/O can be set in a
unit of single bits.
Can drive 12mA
sink current.
(8 pins)
(Port E)
Bits 0 and 1 are I/O
port; I/O can be set
in a unit of single.
Bits 2 and 3 are
input port.
Bits 4, 5 and 6
are output port.
(7 pins)
Pin Description
Symbol
PA0/AN0
to
PA5/AN5
PA6 to PA7
PB0 to PB7
PC6 to PC7
PD0/INT2
PD1/SCK
PD2/SO
PD3/SI
PD4 to PD5
PD6/RMC
PD7/EC
PE0/TO/ADJ
PE1
PE2/TEX/INT0
PE3/TX
PE4 to PE6
I/O/
Analog input
I/O
I/O
Output
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
I/O
I/O/Input
I/O/Input
I/O/Output/
Output
I/O
Input/Input/
Input
Input/Output
Output
I/O
Description
Analog inputs to A/D converter.
(6 pins)
External interruption request input.
Active at the falling edge.
Serial clock I/O.
Serial data output.
Serial data input.
Remote control reception circuit input.
External event input for timer/counter.
Rectangular wave output
for 8-bit timer/counter.
Connects a crystal for
32kHz timer/counter
clock oscillation. When
used as an event
counter, input to TEX pin
and leave TX pin open.
32kHz oscillation
frequency dividing output.
External interruption
request input. Active at
the falling edge
PC0 to PC5
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com