Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R1-100-R Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # MPI4040R1-100-R
Description  High Frequency, High Current Miniature Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R1-100-R Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  MPI4040R1-100-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Inductance Characteristics - % of OCL vs. IDC - R1 -- 1.2mm Height
0412
BU-SB12261
Page 5 of 12
Data Sheet: 4086
MPI4040R1-R10-R
40
50
60
70
80
90
100
110
0
4
8
12162024
283236
MPI4040R1-R15-R
40
50
60
70
80
90
100
110
0
4
8
1216202428
MPI4040R1-R22-R
40
50
60
70
80
90
100
110
04
8
12
16
20
24
MPI4040R1-R33-R
40
50
60
70
80
90
100
110
0
2
4
6
8
1012
1416
1820
MPI4040R1-R47-R
MPI4040R1-R68-R
70
75
80
85
90
95
100
105
02
468
10
12
DC
I
(Amps)
DC
I
(Amps)
DC
I
(Amps)
DC
I
(Amps)
DC
I
(Amps)
DC
I
(Amps)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com