Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R1-100-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # MPI4040R1-100-R
Description  High Frequency, High Current Miniature Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R1-100-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  MPI4040R1-100-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dimensions - mm
User Direction of feed
12.0
±0.30
SECTION A-A
4.45
4.8
MPI4040R1=1.30
MPI4040R2=1.60
8.0
1.75
5.5
1.5 dia
1.5 dia.
4.0
2.0
1
2
MPI4040R3=1.95
MPI4040R4=2.1
A
A
.
0
10
20
30
40
50
60
70
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Total Loss (W)
R2
R1, R4
R3
Supplied in tape and reel packaging:
- MPI4040R1 = 5500 parts per 13” diameter reel
- MPI4040R2 = 4500 parts per 13” diameter reel
- MPI4040R3 = 3500 parts per 13” diameter reel
- MPI4040R4 = 3000 parts per 13” diameter reel
Packaging Information - mm
Temperature Rise vs. Total Loss
0412
BU-SB12261
Page 3 of 12
Data Sheet: 4086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com