Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R2-1R0-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MPI4040R2-1R0-R
Description  High Frequency, High Current Miniature Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R2-1R0-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MPI4040R2-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Applications
• Handheld/mobile devices
• Portable media players
• GPS/PDAs
• MP3 Players
• Battery operated devices
• Notebook/netbook
• Tablets/smartbooks
• LCD Displays
• LED Drivers
• POL Converters
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Ambient plus self temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging:
- MPI4040R1 = 5500 parts per 13” diameter reel
- MPI4040R2 = 4500 parts per 13” diameter reel
- MPI4040R3 = 3500 parts per 13” diameter reel
- MPI4040R4 = 3000 parts per 13” diameter reel
Description
• Halogen free, lead free, RoHS compliant
• 125°C maximum total temperature operation
• 4.7x4.31x1.2, 1.5, 1.85, 2.0mm maximum surface mount package
• Magnetically shielded
• Handles high transient inrush current spikes
• Rugged construction
• Inductance range from 0.09
μH to 22μH
• Current range from 1.1A to 32.0A
• Frequency range 20kHz to 10MHz
High Frequency, High Current Miniature Power Inductors
MPI4040 Series
0412
BU-SB12261
Page 1 of 12
Data Sheet: 4086
SMD Device
Pb
HALOGEN
HF
FREE
Product Specifications - See page 2


Similar Part No. - MPI4040R2-1R0-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI4040R2-1R0-R EATON-MPI4040R2-1R0-R Datasheet
1Mb / 13P
High current, high frequency, miniature power inductors
More results

Similar Description - MPI4040R2-1R0-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
MPI4040 EATON-MPI4040 Datasheet
1Mb / 13P
High current, high frequency, miniature power inductors
MPIA4040 EATON-MPIA4040 Datasheet
4Mb / 13P
Automotive Grade High Current, High Frequency, Miniature Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com