Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R2-1R0-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # MPI4040R2-1R0-R
Description  High Frequency, High Current Miniature Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R2-1R0-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  MPI4040R2-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R2-1R0-R Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Specifications
Part Number5
OCL1 ± 20% (
μH)
Part Marking Designator
Irms2 (Amps)
Isat3 @ 25°C (Amps)
DCR (m
Ω) ± 20% @ 20°C
K-factor4
R1 -- 1.2mm Height
MPI4040R1-R10-R
0.09
A
8.00
32.0†
8.50
1401
MPI4040R1-R15-R
0.15
B
7.00
26.0†
11.0
989
MPI4040R1-R22-R
0.23
C
5.50
21.0
18.0
814
MPI4040R1-R33-R
0.33
D
4.40
17.0
28.0
659
MPI4040R1-R47-R
0.47
E
5.20
11.5
20.0
1295
MPI4040R1-R68-R
0.68
F
3.30
9.00
51.0
461
MPI4040R1-1R0-R
1.0
G
3.70
7.70
40.0
990
MPI4040R1-1R5-R
1.5
H
3.00
6.50
60.0
732
MPI4040R1-2R2-R
2.2
I
2.60
5.90
80.0
623
MPI4040R1-3R3-R
3.3
J
2.20
5.10
115
481
MPI4040R1-4R7-R
4.7
K
1.80
3.80
180
411
MPI4040R1-6R8-R††
6.8
L
1.50
3.20
250
344
MPI4040R1-100-R††
10
M
1.20
2.80
370
276
R2 -- 1.5mm Height
MPI4040R2-R47-R
0.47
A
6.40
12.2
13.0
1403
MPI4040R2-1R0-R
1.0
B
4.60
8.90
25.0
935
MPI4040R2-1R5-R
1.5
C
3.80
7.60
37.0
701
MPI4040R2-2R2-R
2.2
D
3.20
5.70
58.0
647
MPI4040R2-3R3-R
3.3
E
2.60
5.40
76.0
495
MPI4040R2-4R7-R
4.7
F
2.20
4.30
105
421
MPI4040R2-6R8-R
6.8
G
1.80
3.40
158
351
MPI4040R2-100-R††
10.0
H
1.50
3.10
240
271
R3 -- 1.85mm Height
MPI4040R3-R22-R
0.22
A
8.00
20.0
5.8
1870
MPI4040R3-R47-R
0.47
B
5.80
17.0
10.3
1530
MPI4040R3-1R2-R
1.2
C
4.00
9.40
32.0
732
MPI4040R3-1R5-R
1.5
D
3.80
8.20
36.0
673
MPI4040R3-2R2-R
2.2
E
3.40
7.90
48.0
543
MPI4040R3-3R3-R
3.3
F
3.00
6.60
60.0
432
MPI4040R3-4R7-R
4.7
G
2.30
4.80
92.0
374
MPI4040R3-6R8-R
6.8
H
2.00
4.50
120
306
MPI4040R3-100-R
10.0
I
1.50
3.80
213
251
MPI4040R3-150-R
15.0
J
1.30
3.00
285
213
MPI4040R3-220-R††
22.0
K
1.10
2.20
408
174
R4 -- 2.0mm Height
MPI4040R4-R22-R
0.22
A
10.1
15.0
5.3
2405
MPI4040R4-R33-R
0.33
B
9.50
12.8
6.0
1870
MPI4040R4-R47-R
0.45
C
8.10
11.5
8.2
1530
MPI4040R4-1R0-R
1.0
D
5.70
8.20
17.0
990
MPI4040R4-1R5-R
1.5
E
4.90
6.90
23.0
802
MPI4040R4-2R2-R
2.2
F
3.90
5.70
35.0
673
MPI4040R4-3R3-R††
3.3
G
3.30
4.50
49.0
510
MPI4040R4-4R7-R††
4.7
H
2.90
3.90
67.0
455
MPI4040R4-6R8-R††
6.8
I
2.40
3.20
91.0
374
MPI4040R4-100-R††
10.0
J
1.90
2.60
148
306
MPI4040R4-220-R††
22.0
K
1.30
1.80
316
203
0412
BU-SB12261
Page 2 of 12
Data Sheet: 4086
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2Irms: DC current for an approximate temperature rise of 40°C without core loss. De-rating is
necessary for AC currents. Temperature rise is dependent upon several factors, including the PCB
pad layout, trace thickness and width, air-flow and proximity to other heat generating
components. It is recommended the part temperature not exceed 125°C under worst case
operating conditions and therefore, the temperature rise should be verified in the end use
application. Irms testing was performed on a 19.05mm long x 6.35mm wide x 0.070mm thick
copper trace in still air.
3Isat: Peak current for approximately 30% rolloff at +25°C.
4 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p : (Gauss), K:
(K-factor from table), L: (inductance in
μH), ΔI (peak-to-peak ripple current in amps).
5 Part Number Definition: MPI4040RX-XXX-R
• MPI4040X = product code and size
• XXX = inductance value in all, “R” = decimal point
- If no “R” is present, then third digit equals the number of zeros
• “-R” suffix = RoHS compliant
† Transient pulse not to exceed 1 millisecond.
†† Maximum operating frequency less than 10MHz, consult factory for application specific values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com