Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS40A Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS40A
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS40A Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS40A Datasheet HTML 1Page - SEC Electronics Inc. SS40A Datasheet HTML 2Page - SEC Electronics Inc. SS40A Datasheet HTML 3Page - SEC Electronics Inc. SS40A Datasheet HTML 4Page - SEC Electronics Inc. SS40A Datasheet HTML 5Page - SEC Electronics Inc. SS40A Datasheet HTML 6Page - SEC Electronics Inc. SS40A Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SS40A
CMOS Omnipolar High Sensitivity Micropower Hall Switch
Table 3: DC electrical characteristics
Magnetic Characteristics
Operating Parameters: TA = 25°C, VDD = 2.75VDC
SS40A
Parameter
Symbol
Min
Type
Max
Units
Operating Point
BOP
-
70
Gs
Release Point
BRP
-70
-
Gs
Hysteresis
BHYST
60
100
Gs
Table 4: Magnetic Specifications
Output Voltage (V)
OFF
BOPN
BRPS
BOPS
BRPN
ON
3.0
2.0
2.5
0.5
1.0
1.5
0
-80
-60
-40
-20
0
40
20
60
80
Magnetic Flux (Gauss)
ESD Protection
Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7
Limit Values
Parameter
Symbol
Min
Max
Unit
Notes
ESD Voltage
VESD
4
kV
 
4
V1.10
May 1, 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com