Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS40A Datasheet(PDF) 7 Page - SEC Electronics Inc.

Part # SS40A
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS40A Datasheet(HTML) 7 Page - SEC Electronics Inc.

  SS40A Datasheet HTML 1Page - SEC Electronics Inc. SS40A Datasheet HTML 2Page - SEC Electronics Inc. SS40A Datasheet HTML 3Page - SEC Electronics Inc. SS40A Datasheet HTML 4Page - SEC Electronics Inc. SS40A Datasheet HTML 5Page - SEC Electronics Inc. SS40A Datasheet HTML 6Page - SEC Electronics Inc. SS40A Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SS40A
CMOS Omnipolar High Sensitivity Micropower Hall Switch
Package UA, 3-Pin
SIP:
7
V1.10
May 1, 2011
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS40AEUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS40AKUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS40ALUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
 
4.1  0.1 
1
2
1.27 
1.9
0.89
45  1
3  1
3 ‐ 0.44 
3 ‐ 0.44 
0.05  0.05 
0.84(Nom) 
3  1
6  1
6  1
3  1
Notes:
1). Controlling dimension : mm ;
2). Lesds must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
Active Area Depth: 
Sensor Location 
1
2
3
40A 
06C
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com