Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F24D Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT66F24D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F24D Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT66F24D Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 177 page
background image
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Rev. 1.00
5�
���� ��� �01�
Rev. 1.00
53
���� ��� �01�
Reset Functions
Therearefivewaysinwhichamicrocontrollerresetcanoccur,througheventsoccurringboth
internallyandexternally:
Power-on Reset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuringthat
allpinswillbefirstsettoinputs.
RE S
VD D
In te r nal R es et
0. 9 V DD
t RS TD + t SST
t RS TD + t SST
Power-On Reset Timing Chart
Note:tRSTDispower-ondelay,typicaltime=50ms
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
device.TheLVRfunctionisalwaysenabledwithaspecificLVRvoltageVLVR.Ifthesupplyvoltage
ofthedevicedropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,
theLVRwillautomaticallyresetthedeviceinternallyandtheLVRFbitintheCTRLregisterwill
alsobesetto1.ForavalidLVRsignal,alowsupplyvoltage,i.e.,avoltageintherangebetween
0.9V~VLVRmustexistforatimegreaterthanthatspecifiedbytLVRintheA.C.characteristics.Ifthe
lowsupplyvoltagestatedoesnotexceedthisvalue,theLVRwillignorethelowsupplyvoltageand
willnotperformaresetfunction.TheactualVLVRvaluecanbeselectedbytheLVSbitsintheLVRC
register.IftheLVS7~LVS0bitsarechangedtosomecertainvaluesbytheenvironmentalnoise,the
LVRwillresetthedeviceafter2~3LIRCclockcycles.Whenthishappens,theLRFbitintheCTRL
registerwillbesetto1.Afterpowerontheregisterwillhavethevalueof01010101B.Notethatthe
LVRfunctionwillbeautomaticallydisabledwhenthedeviceentersthepowerdownmode.
LV R
In te r nal R es et
t RS TD + t SST
Low Voltage Reset Timing Chart
Note:tRSTDispower-ondelay,typicaltime=100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com