Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F24D Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F24D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F24D Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F24D Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Rev. 1.00
1�
���� ��� �01�
Rev. 1.00
13
���� ��� �01�
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL1
Inp�t Low Vo�tage for I/O Ports
or Inp�t Pins
—
—
0
—
0.3VDD
V
VIH1
Inp�t High Vo�tage for I/O Ports
or Inp�t Pins
—
—
0.7VDD
—
VDD
V
IOL1
I/O Port Sink C�rrent
(PA0~PA�� PB0� D0~PD1)
3V VOL= 0.1VDD
4
8
—
mA
5V VOL= 0.1VDD
10
�0
—
mA
IOH1
I/O Port� So�rce C�rrent
(PA0~PA�� PB0� D0~PD1)
3V VOH= 0.9VDD
-�
-4
—
mA
5V VOH= 0.9VDD
-5
-10
—
mA
IOL�
I/O Port Sink C�rrent
(PA7� PB1~PB7)
3V VOL= 0.1VDD
1�
3�
—
mA
5V VOL= 0.1VDD
40
80
—
mA
IOH�
I/O Port� So�rce C�rrent
(PA7� PB1~PB7)
3V VOH= 0.9VDD
-�
-4
—
mA
5V VOH= 0.9VDD
-5
-10
—
mA
IOL3
I/O Port Sink C�rrent
(PC0~PC7)
3V VOL= 0.1VDD
4
8
—
mA
5V VOL= 0.1VDD
10
�0
—
mA
IOH3
I/O Port� So�rce C�rrent
(PC0~PC7)
3V VOH= 0.9VDD
-4
-8
—
mA
5V VOH= 0.9VDD
-10
-�0
—
mA
RPH
P���-high Resistance of I/O
Ports
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com