Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F016 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT68F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F016 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT68F016 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
21
May 14, 2012
RAM Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored.
Structure
Divided into two sections, the first of these is an area of
RAM, known as the Special Function Data Memory. Here
are located registers which are necessary for correct op-
eration of the device. Many of these registers can be read
from and written to directly under program control, how-
ever, some remain protected from user manipulation.
Device
Capacity
Bank 0
Bank 1
HT66F016
HT68F016
64
´8
80H~BFH Unimplemented
HT66F017
HT68F017
128
´8
80H~FFH Unimplemented
General Purpose Data Memory Structure
The second area of Data Memory is known as the Gen-
eral Purpose Data Memory, which is reserved for gen-
eral purpose use. All locations within this area are read
and write accessible under program control.
The overall Data Memory is subdivided into two banks
for all the devices. The Special Purpose Data Memory
registers are accessible in all banks, with the exception
of the EEC register at address 40H, which is only acces-
sible in Bank 1. Switching between the different Data
Memory banks is achieved by setting the Bank Pointer
to the correct value. The start address of the Data Mem-
ory for all devices is the address 00H.
*
*
*
V D D
I C P M S
I C P D A
I C P C K
V S S
T o o t h e r C i r c u i t
P A 0
P A 2
V S S
P A 7
V D D
W r i t e r P i n s
M C U
P r o g r a m m i n g P i n s
Note:
* may be resistor or capacitor. The resistance
of * must be greater than 1k
W or the capacitance
of * must be less than 1nF.
G e n e r a l
P u r p o s e
D a t a M e m o r y
8 0 H
n F H
U n u s e d
B a n k 0
B a n k 1
N o t e : G e n e r a l P u r p o s e D a t a M e m o r y s p a c e :
8 0 H ~ B F H f o r H T 6 6 F 0 1 6 / H T 6 8 F 0 1 6
8 0 H ~ F F H f o r H T 6 6 F 0 1 7 / H T 6 8 F 0 1 7
General Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com