Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F016 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT68F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F016 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT68F016 Datasheet HTML 1Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
Special Function Register Description ...........................................23
Indirect Addressing Registers
- IAR0, IAR1..........................................................23
Memory Pointers
- MP0, MP1..............................................................................23
Bank Pointer
- BP ................................................................................................24
Accumulator
- ACC..............................................................................................24
Program Counter Low Register
- PCL..................................................................24
Look-up Table Registers
- TBLP, TBHP, TBLH.....................................................24
Status Register
- STATUS ...................................................................................25
EEPROM Data Memory .....................................................................26
EEPROM Data Memory Structure ........................................................................26
EEPROM Registers..............................................................................................26
Reading Data from the EEPROM .........................................................................28
Writing Data to the EEPROM ...............................................................................28
Write Protection ....................................................................................................28
EEPROM Interrupt ...............................................................................................28
Programming Considerations ...............................................................................28
Oscillator............................................................................................30
Oscillator Overview...............................................................................................30
System Clock Configurations................................................................................30
External Crystal/Ceramic Oscillator
- HXT ...........................................................31
Internal RC Oscillator
- HIRC...............................................................................31
Internal 32kHz Oscillator
- LIRC...........................................................................31
Supplementary Oscillators....................................................................................31
Operating Modes and System Clocks .............................................32
System Clocks......................................................................................................32
System Operation Modes .....................................................................................33
Control Register ...................................................................................................34
Fast Wake-up .......................................................................................................35
Operating Mode Switching and Wake-up..............................................................35
NORMAL Mode to SLOW Mode Switching...........................................................36
SLOW Mode to NORMAL Mode Switching...........................................................37
Entering the SLEEP0 Mode..................................................................................37
Entering the SLEEP1 Mode..................................................................................38
Entering the IDLE0 Mode .....................................................................................38
Entering the IDLE1 Mode .....................................................................................38
Standby Current Considerations...........................................................................38
Wake-up...............................................................................................................39
Programming Considerations ...............................................................................39
Watchdog Timer ................................................................................40
Watchdog Timer Clock Source .............................................................................40
Watchdog Timer Control Register.........................................................................40
Watchdog Timer Operation...................................................................................40
Watchdog Timer Enable/Disable Control ..............................................................40
Contents
Rev. 1.00
3
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com