Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-LI080 Datasheet(PDF) 22 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 22 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 16Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 17Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 18Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 19Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 20Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 21Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 22Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 23Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 24Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
12. IC-Package
12.1. SOP14 – Small Outline Package, 14 leads, RoHS compliant
Small Outline Package (SOP)
Package
D
E
H
A
A1
e
b
L
w
SOP 14
nom
8,65
3,90
6,00
1,75
0,15
1,27
0,41
0,72
4°
Dimension : mm
13. IC-Marking
14. Ordering Information
AMG-LI080-ISP14U
shipment in tubes
AMG-LI080-ISP14R
shipment in Tape & Reel
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 22 of 24
e
D
b
A1
A
L
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com