Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-LI080 Datasheet(PDF) 13 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 13 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 14Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 15Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 16Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 17Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
IDDL_Error f (VDD,Ta)
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
10
11
12
13
14
V DD (V )
-10°C
25°C
55°C
85°C
VTres = f (VDD,Ta)
6
6,5
7
7,5
8
8,5
10
11
12
13
14
V DD ( V )
-10°C
25°C
55°C
85°C
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com