Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM152 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM152 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SMM151/152
Summit Microelectronics, Inc
2131 3.0 1/20/2010
3
VM+
Control
Logic
TRIM
10Bit
ADC
Digital
Comparator
8-bit DAC
I2C
Interface
Clock
Up/Dn
Halt
Margin
Target
OV/UV
OV/UV
Output
Control
VDD
WP
A0
A1
A2
COMP1
COMP2
SCL
SDA
FAULT#
EE
Configuration
Registers
& Memory
GND
Glitch
Filter
SW1
SW2
MUX
CAPM+
MUP
MDN
READY
VREF = 1.25V
50k
Ω
50k
Ω
VREF
VM-
CS+
CS-
DIFF
AMP
VREF
VDD_CAP
CAPC
25k
Ω
25k
Ω
CAPM-
250k
Ω
GPIO0
GPIO1
Control
Logic
GPIO2
GPIO3
SMM152
0.5V/1.25V
Figure 2 – SMM151 and SMM152 Controller Internal Block Diagram.
PACKAGE AND PIN DESCRIPTION
INTERNAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com