Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM152 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM152 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SMM151/152
Summit Microelectronics, Inc
2131 3.0 1/20/2010
4
Pin
Number
Pin
Type
Pin Name
Pin Description
28
I/O
SDA
I
2C Bi-directional data line
1
I
SCL
I
2C clock input.
2
I
A2
4
I
A1
6
I
A0
The address pins are biased either to VDD, GND or left floating. This allows
for a total of 21 distinct device addresses. When communicating with the
SMM151/2 over the 2-wire bus these pins provide a mechanism for
assigning a unique bus address.
I/O
GPIO0,1,2,3
SMM152: General purpose inputs/outputs.
3, 9, 22, 27
NC
NC
SMM151: No Connect.
8
I
WP
Programmable Write Protect active high/low input. When asserted, writes to
the configuration registers and general purpose EE are not allowed. The
WP input is internally tied to VDD with a 50K
Ω resistor.
10, 13
CAP
CAPM+, -
External capacitor inputs used to filter the VM+/VM- inputs, 0.22
μF.
20
O
TRIM
Output voltage used to control and/or margin converter voltages. Connect to
the converter trim input.
14
I
VM+
Voltage monitor input. Connect to the DC-DC converter positive sense line
or its +Vout pin.
15
I
VM-
Voltage monitor input. Connect to the DC-DC converter negative sense line
or its -Vout pin.
18
I
CS+
Current monitor input + side. Kelvin connect to the input supply side of the
current sense resistor.
17
I
CS-
Current monitor input - side. Kelvin connect to the load side of the current
sense resistor.
26
PWR
VREF
Internal reference voltage of 1.25V. Connect to GND through a 0.1uF
capacitor to improve noise immunity.
16
O
CAPC
External capacitor input used to filter the CS+/CS- input. Typical value: 1uF.
21
PWR
VDD
Power supply of the part.
23
PWR
VDD_CAP
External capacitor input used to filter the internal VDD supply rail.
7
GND
GND
Ground of the part. The SMM151/2 ground pin should be connected to the
ground of the device under control or to a star point ground. PCB layout
should take into consideration ground drops.
24
I
MUP
Margin up command input. Asserted high. The MUP input is internally tied to
VDD with a 50K
Ω resistor.
25
I
MDN
Margin down command input. Asserted high. The MDN input is internally
tied to VDD with a 50K
Ω resistor.
19
I
COMP1
12
I
COMP2
COMP1 and COMP2 are high impedance inputs, each connected internally
to a comparator and compared against the internally programmable VREF
voltage. Each comparator can be independently programmed to monitor for
UV or OV. The monitor level is set externally with a resistive voltage
divider.
11
O
FAULT#
When either of the COMP1 or COMP2 inputs are in fault the open-drain
FAULT# output will be pulled low. A configuration option exists to disable
the FAULT# output while the device is margining.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com