Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AS14 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC00AS14
Description  QUADRUPLE 2-INPUT NAND GATES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC00AS14 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC00AS14 Datasheet HTML 1Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 2Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 3Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 4Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 5Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 6Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 7Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 8Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC00A
Document number: DS35257 Rev. 3 - 2
5 of 9
www.diodes.com
June 2012
© Diodes Incorporated
74LVC00A
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
Unit
Typ
Typ
Typ
Cpd
Power dissipation
capacitance per gate
f = 10 MHz
17
17
18
pF
CI
Input Capacitance
VI = VCC – or GND
4
4
4
pF
Package Characteristics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
159
θJC
Thermal Resistance
Junction-to-Case
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
25
Note:
6. Test condition for SO-14 and TSSOP-14 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Parameter Measuement Information
VCC
Inputs
VM
CL
RL
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
30pF
1K
Ω
2.5V±0.2V
VCC
≤2ns
VCC/2
30pF
500
Ω
2.7V
2.7V
≤2.5ns
1.5V
50pF
500
Ω
3.3V±0.3V
2.7V
≤2.5ns
1.5V
50pF
500
Ω
RL
CL
(see Note A)
From Output
Under Test



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com