Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AS14 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC00AS14
Description  QUADRUPLE 2-INPUT NAND GATES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC00AS14 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC00AS14 Datasheet HTML 1Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 2Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 3Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 4Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 5Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 6Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 7Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 8Page - Diodes Incorporated 74LVC00AS14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LVC00A
Document number: DS35257 Rev. 3 - 2
4 of 9
www.diodes.com
June 2012
© Diodes Incorporated
74LVC00A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input
Voltage
1.65V to 1.95V
0.65 X VCC
0.65 X VCC
V
2.3V to 2.7V
1.7
1.6
2.7 V to 3.6V
2.0
2.0
VIL
Low-level input
voltage
1.65V to 1.95V
0.35 X VCC
0.35 X VCC
V
2.3V to 2.7V
0.7
0.7
2.7V to 3.6V
0.8
0.8
VOH
High Level
Output Voltage
IOH = -100μA
1.65V to 3.6V
VCC – 0.2
VCC – 0.3
V
IOH = -4mA
1.65V
1.2
IOH = -8mA
2.3V
1.9
IOH = -12mA
2.7V
2.2
2.05
3.0V
2.3
2.1
IOH = -24mA
3.0V
2.2
2.0
VOL
High-level
Output Voltage
IOH = 100μA
1.65V to 3.6V
0.2
0.3
V
IOH = 4mA
1.65V
0.45
0.6
IOH = 8mA
2.3V
0.70
0.85
IOH = 12mA
2.7V
0.40
0.6
3.0V
0.55
0.6
IOH =-24mA
3.0V
0.55
0.6
II
Input Current
VI = GND to 5.5V
3.6V
±5
±20
μA
IOFF
Power Down
Leakage
Current
VI or VO = 0V
to 3.6V
0
10
20
μA
ICC
Supply Current
VI = GND or VCC
IO=0
3.6V
10
40
μA
ΔICC
Additional
Supply Current
One input at VCC –
0.6V Other at Vcc or
Gnd.
2.7V to 3.6V
500
5000
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = 25°C
-40°C to 85°C
-40°C to 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN or BN
to YN
Figure 1
1.65V to1.95V
1.0
6.0
12.0
1.0
12.5
1.0
14.0
ns
2.3V to 2.7V
1.0
4.6
5.9
1.0
6.4
1.0
7.9
2.7V
1.0
4.3
4.9
1.0
5.1
1.0
6.5
3V to 3.6V
1.0
3.5
4.1
1.0
4.3
1.0
5.5
tSK(0)
Output Skew
Time
3V to 3.6V
1.0
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com