Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-02 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-02
Description  7" Smart Vehicle Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-02 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-02 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Last updated : 15-Mar-2011
Competence in Mobile Computing
© by DLoG GmbH 2011
http://www.advantech-dlog.com
Features
TREK-303
ƒ 7" display with touchscreen supports both 480 x 234 and
800 x 480 resolutions for different LCD panels
ƒ -30 to 70° C wide range temperature support
ƒ Five user-defined function keys, 2 watt speaker, and USB host.
ƒ Option to support auto-adjust light sensor
ƒ One cable connects with TREK-5xx series
ƒ Wake up/power button on back for easy to wake up/power up
ƒ CE/FCC/E13 certified
7" Smart Vehicle Display
Introduction
The TREK-303 is a vehicle display system for Mobile Resource Management (MRM) applications in trucks, buses and taxis. The TREK-303 touch panel is the perfect size for tight
spaces; ideal for fleet management and dispatch applications. It also meets requirements for automotive grade working temperatures (-30 ~ 70° C). TREK-303 provides excellent
display capabilities, featuring light-weight housing, compatible with RAM mounting solutions that customers can easily install. TREK-303 supports two display resolutions. The low
resolution panel is design compatible with the TREK-510 vehicle computing system; the high resolution panel is design compatible with TREK-550 computing system. TREK-303 is
designed with drivers in mind: when the system requires powering up or waking up, it can be easily controlled from the button located in back; and for night driving, the panel has an
auto detecting light sensor to automatically adjust brightness. TREK-303 is a smart display designed especially for truck, bus, and taxi drivers.
Specifications
LCD
Models
TREK-303R-LA0E
TREK-303R-HA0E
Design Compatible Models
paired with TREK-510
paired with TREK-550
Resolution (pixel)
480 x 234
800 x 480
LVDS interface
supports 18-bit
Pixel Pitch
0.321 (W) x 0.370 (H)
0.2168 (H) x 0.2168 (V)
Brightness (cd/m2)
450 (typical) with touchscreen
400 (typical) with touchscreen
View Angle (R/L/B/T)
70° / 70° / 65° / 50°
70° / 70° / 60° / 60°
Contrast Ratio
200
500
Lamp Life (hrs)
20,000 (hrs)
50,000 (hrs)
Lamp Type
LED
Touchscreen
Touchscreen
4-wire resistive
Front plane
Speaker
2 watts
Hotkey
Supports 5 hotkeys (user defined)
Brightness Control
Manually controlled by button (default), Light sensing (optional)
USB Host
x 1
Back plane
Power /Wake Up Switch
Yes
Reset Button
Yes
Power
DC Input
12 V +- 5%
Power Consumption
~12 W (Max.), ~4 W (normal)
~12 W (Max.), ~9 W (normal)
Mechanical
Mounting
Design compatible with RAM mount
Material
PC
Weight
1 kg
Dimensions
244 x 160 x 41 mm
Environment
Operating Temperature
-30 to + 70° C
Storage Temperature
-40 to + 80° C
Vibration
MIL-STD-810G, SAE J1455 4.9.4.2
IP Rating
IP 43 (whole system), IP 54 (without I/O)
NEW
E


Similar Part No. - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
More results

Similar Description - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
Vehicle Display Controller
logo
Advantech Co., Ltd.
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
7" In-Vehicle Smart Display
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
10" In-Vehicle Smart Display
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
TREK-306D-FL ADVANTECH-TREK-306D-FL Datasheet
576Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306DH ADVANTECH-TREK-306DH Datasheet
724Kb / 2P
10" In-Vehicle Smart Display
26-Feb-2018
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
10" In-Vehicle Smart Display
23-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com