Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-02 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-02
Description  7" Smart Vehicle Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-02 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-02 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Competence in Mobile Computing
© by DLoG GmbH 2011
http://www.advantech-dlog.com
Dimensions
Unit: mm
TREK-303
Fully Integrated I/O
Mounting Kits
A. USB Host
B. 5 programmable hotkeys
C. D. Brightness control
E. Power LED
F. Light sensor
G. Speaker
23.50
41
244
120°
3-M4
A
B
C
D
E
F
G
Note: Backlight off: Press C button to the lowest level
Ordering Information
Part Number
Description
TREK-303R-LA0E
7" vehicle display system, 480 x 234 resolution,
with 4 wire resistive touchscreen, 2-watt speaker
TREK-303R-HA0E
7" vehicle display system, 800 x 480 resolution, with
4wire resistive touchscreen, 2-watt speaker
RAM-MOUNT-02
RAM mount with 1.5" ball, VESA mount base
1700018342
2-meter cable(paired with TREK-5XX)
Power/wake up switch
Smart display port
Reset button
Packing List
Description
Part Number
Quantity
TREK-303R
-
1
RAM mount screw
1930001722
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com