Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S08BPQR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2S08BPQR
Description  Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S08BPQR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2S08BPQR Datasheet HTML 2Page - STMicroelectronics ST2S08BPQR Datasheet HTML 3Page - STMicroelectronics ST2S08BPQR Datasheet HTML 4Page - STMicroelectronics ST2S08BPQR Datasheet HTML 5Page - STMicroelectronics ST2S08BPQR Datasheet HTML 6Page - STMicroelectronics ST2S08BPQR Datasheet HTML 7Page - STMicroelectronics ST2S08BPQR Datasheet HTML 8Page - STMicroelectronics ST2S08BPQR Datasheet HTML 9Page - STMicroelectronics ST2S08BPQR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
ST2S08B
6/18
Doc ID 18290 Rev 2
4
Electrical characteristics
VIN_SW = VIN_A = 5 V, VO1,2 =1.2 V, C1= 4.7 µF, C2 = C3 = 22 µF, L1 = L2 = 3.3 µH,
TJ = -30 to 125 °C, unless otherwise specified. Typical values refer to 25 °C.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB1,2
Feedback voltage
784
800
816
mV
IFB1,2
VFB pin bias current
VFB = 1 V
600
nA
IQ
Quiescent current
VINH > 1.2 V, VFB = 1 V
1.5
mA
VINH = GND
20
µA
IO1,2
Output current
VIN = 3.0 to 5.5 V
(1),
TJ = - 30 to 85 °C
1.5
A
IMIN
Minimum output current
1
mA
VINH
Inhibit threshold
3.0 V < VIN < 5 V
1.2
V
3.0 V < VIN < 5.5 V
1.3
Device OFF
0.4
IINH1,2
Inhibit pin current
2
µA
%VO1,2/
ΔVIN
Reference line regulation
3.0 V < VIN < 5.5 V
0.04
%VO/
VIN
ΔVO1,2
Reference load regulation
10 mA < IO < 1.5 A
10
mV
PWM fS
PWM switching frequency
VFB = 0.7 V, TA = 25 °C
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
VFB = 0.7 V, TA = 25 °C
85
94
%
ISWL
Switching current limitation
(2)
2A
ILKN
NMOS leakage current
VFB = 0.9 V, TA = 25 °C
0.1
µA
ILKP
PMOS leakage current
VFB = 0.9 V, TA = 25 °C
0.1
µA
RDSon-N
NMOS switch on resistance ISW = 250 mA
0.15
0.3
Ω
RDSon-P
PMOS switch on resistance ISW = 250 mA
0.2
0.4
Ω
η
Efficiency
IO = 20 mA to 100 mA
75
%
IO = 100 mA to 1.5 A
80
%
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown
hysteresis
15
°C
ISC - VIN
Short-circuit VIN range
(2)
Output short-circuit to ground
3
5.3
V
1.
VO= 90 % of nominal value.
2.
Guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com