Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S08BPQR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2S08BPQR
Description  Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S08BPQR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2S08BPQR Datasheet HTML 8Page - STMicroelectronics ST2S08BPQR Datasheet HTML 9Page - STMicroelectronics ST2S08BPQR Datasheet HTML 10Page - STMicroelectronics ST2S08BPQR Datasheet HTML 11Page - STMicroelectronics ST2S08BPQR Datasheet HTML 12Page - STMicroelectronics ST2S08BPQR Datasheet HTML 13Page - STMicroelectronics ST2S08BPQR Datasheet HTML 14Page - STMicroelectronics ST2S08BPQR Datasheet HTML 15Page - STMicroelectronics ST2S08BPQR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application information
ST2S08B
12/18
Doc ID 18290 Rev 2
Equation 4
In addition to the inductance value, in order to avoid saturation, the maximum saturation
current of the inductor must be higher than that of the IPEAK.
8.4
Input and output capacitor selection
It is recommended to use ceramic capacitors with X5R or X7R dielectric and low ESR as
input and output capacitors, in order to filter any disturbance present in the input line and to
obtain stable operation. The output capacitor is very important for satisfying the output
voltage ripple requirements.
The output voltage ripple (VO_RIPPLE), in continuous mode, for the step-down channel, can
be calculated as:
Equation 5
where
Δ IL is the ripple current and FSW is the switching frequency.
The use of ceramic capacitors with voltage ratings in the range higher than 1.5 times the
maximum input or output voltage is recommended.
8.5
Layout considerations
Due to the high switching frequency and peak current, the layout is an important design step
for all switching power supplies. Important parameters (efficiency, output voltage ripple,
switching noise immunity, etc.) can be affected if the PCB layout is not designed paying
close attention to the following DC-DC general layout rules:
●
Short, wide traces must be implemented for mains current and for power ground paths.
The input capacitor must be placed as close as possible to the IC pins as well as the
inductor and output capacitor.
●
The FB pin connection to the external resistor divider is a high impedance node, so
interference can be minimized by placing the routing of the feedback node as far as
possible from the high current paths. To reduce pick-up noise, the resistor divider must
be placed very close to the device.
●
A common ground node minimizes ground noise.
●
The exposed pad of the package must be connected to the common ground node.
Moreover, the exposed pad ground connection must be properly designed in order to
facilitate heat dissipation from the exposed pad to the ground layer using PCB vias.
L
F
V
2
)
V
V
(
V
)
8
.
0
/
I
(
I
SW
MAX
_
IN
O
MAX
_
IN
O
O
PEAK
×
×
×
−
×
+
=
⎥
⎦
⎤
⎢
⎣
⎡
×
×
+
×
Δ
=
SW
OUT
L
RIPPLE
_
O
F
C
8
1
ESR
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com