Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725CGED/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8725CGED/R
Description  99dB Stereo DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725CGED/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8725CGED/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WM8725
Production Data
w
PD, Rev 4.3, February 2012
6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital input
Sample rate clock input
2
DIN
Digital input
Serial data input
3
BCKIN
Digital input
Bit clock input
4
NC
No connect
No internal connection
5
CAP
Analogue output
Analogue internal reference
6
VOUTR
Analogue output
Right channel DAC output
7
GND
Supply
0V supply
8
VDD
Supply
Positive supply
9
VOUTL
Analogue output
Left channel DAC output
10
MUTE
Digital input
Mute control, high = muted. Internal pull-down
11
NC
No connect
No internal connection
12
DEEMPH
Digital input
De-emphasis select, high = de-emphasis ON. Internal pull-up
13
FORMAT
Digital input
Data input format select, low = normal, high = I
2S. Internal pull-up
14
SCKI
Digital input
System clock input (256fs or 384fs)
INTERNAL POWER ON RESET
The WM8725 includes an internal power-on reset circuit. This is shown in Figure 1.This reset
circuit is used to reset the digital logic into a default state after power up.
Figure 1 Internal Power on Reset Circuit
The timing of the power on reset is shown in Figure 2 The circuit monitors VDD and VMID
(CAP pin) and asserts PORB low when VMID is below the minimum threshold Vpor. It is
assumed that VMID will rise slower than VCC due to the capacitor on VMID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com