Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725CGED/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8725CGED/R
Description  99dB Stereo DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725CGED/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8725CGED/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8725CGED/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
WM8725
Production Data
w
PD ,Rev 4.3, February 2012
9
The outputs of the 2 DACs are buffered out of the device by buffer amplifiers. These
amplifiers will source load current of several mA and sink current up to 1.5mA, so allowing
significant loads to be driven. The output source is active and the sink is Class A, i.e. fixed
value, so greater loads might be driven if an external ‘pull-down’ resistor is connected at the
output.
Typically an external low pass filter circuit will be used to remove residual sampling noise of
the 64x oversampling used and if desired adjust the signal amplitude and device strength.
SERIAL DATA INTERFACE
WM8725 has serial interface formats that are fully compatible with both normal (MSB first, 16
bit right-justified) and I
2S interfaces. The data format is selected with the FORMAT pin. When
FORMAT is LOW, normal data format is selected. When the format is HIGH, I
2S format is
selected. It must be noted that in “packed” mode operation (exactly 32 BCLKs per LRCIN
period), the data word must align exactly with LRCIN clock edges (effectively both left and
right justified at the same time). This is true in both normal and I
2S modes.
FORMAT
DESCRIPTION
0
Normal format
(MSB-first, 16 bit right justified)
1
I
2S format
(Philips serial data protocol)
Table 4 Serial Interface Formats
MSB
MSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
Audio Data Word = 16-Bit
1/fs
12
3
14 15 16
1
2
3
14 15 16
Figure 3 'Normal' Data Input Timing
MSB
MSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
Audio Data Word = 16-Bit
1/fs
1
2
3
14 15 16
1
2
314 15 16
Figure 4 I2S Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com