Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8726CGED/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8726CGED/R
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8726CGED/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8726CGED/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8726CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
w
WM8726
24-bit 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, January 2012, Rev 4.8
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8726 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8726 supports data input word
lengths from 16 to 24-bits and sampling rates up to 192kHz.
The WM8726 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC.
The WM8726 has a hardware control interface for selection
of audio data interface format, mute and de-emphasis. The
WM8726 supports I
2S, right Justified or DSP interfaces.
The WM8726 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players, including supporting
the implementation of 2 channels at 192kHz for high-end
DVD-Audio applications.
The WM8726 is available in a 14-lead SOIC package.
FEATURES
Stereo DAC
Audio Performance
-
97 dB SNR (‘A’ weighted @ 48kHz)
-
-89 dB THD
DAC Sampling Frequency: 8kHz – 192kHz
Pin Selectable Audio Data Interface Format
-
I
2S, 16-bit Right Justified or DSP
3.0V - 5.5V Supply Operation
14-lead SOIC Package
Pin Compatible with WM8725
APPLICATIONS
DVD Players
Home Theatre Systems
Digital TV
Digital Set Top Boxes
Automotive
BLOCK DIAGRAM
W
WM8726
BCKIN
AUDIO
INTERFACE
MUTE
CONTROL
INTERFACE
VOUTL
VOUTR
LRCIN
DIN
MUTE
DIGITAL
FILTERS
MCLK
DEEMPH
MUTE
FORMAT
CAP
RIGHT
DAC
LEFT
DAC
GND
VDD
SIGMA
DELTA
MODULATOR
SIGMA
DELTA
MODULATOR


Similar Part No. - WM8726CGED/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8726GED WOLFSON-WM8726GED Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8726GEV WOLFSON-WM8726GEV Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8726GRV WOLFSON-WM8726GRV Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
More results

Similar Description - WM8726CGED/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com