Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8850GEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8850GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850GEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8850GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
91
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
GPIO UNSOLICITED ENABLE MASK VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F19h
00h
Bits [31:0] in the table below
Set
719h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:2]
Rsvd
R
00000000h
Reserved
[1]
UnsolEnable[1]
RW
0
0 = GPIO2 cannot generate an Unsolicited Response
1 = GPIO2 can generate an Unsolicited Response
Note: Applies only if GPIO2 is configured as an input
[0]
UnsolEnable[0]
RW
0
0 = GPIO1 cannot generate an Unsolicited Response
1 = GPIO1 can generate an Unsolicited Response
Note: Applies only if GPIO1 is configured as an input
GPIO STICKY MASK VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F1Ah
00h
Bits [31:0] in the table below
Set
71Ah
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:2]
Rsvd
R
00000000h
Reserved
[1]
Data[1]
RW
0
0 = GPIO2 is non-sticky (level sensitive)
1 = GPIO2 is sticky (edge-sensitive)
Note: Applies only if GPIO2 is configured as an input
[0]
Data[0]
RW
0
0 = GPIO1 is non-sticky (level sensitive)
1 = GPIO1 is sticky (edge-sensitive)
Note: Applies only if GPIO1 is configured as an input
IMPLEMENTATION ID / SUBSYSTEM ID VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F20h
00h
Bits [31:0] in the table below
Set1
720h
Implementation ID[7:0]
00h
Set2
721h
Implementation ID[15:8]
00h
Set3
722h
Implementation ID[23:16]
00h
Set4
723h
Implementation ID[31:24]
00h
Bit
Bitfield Name
RW
Default
Description
[31:0]
Implementation
ID
RW
00000100h
Implementation ID
Note: The Implementation ID / Subsystem ID Verb is not reset to its default value during a reset from any source. The settings
are only lost when digital power is removed from the WM8850. When digital power is restored, the System BIOS must restore
the settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com