Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8850GEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8850GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850GEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8850GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
21
Test Conditions
AVDD = CPVDD = 5V, DBVDD = 3.3V, DCVDD = 1.8V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC2 Path Performance (VOUT2LP, VOUT2LN, VOUT2RP and VOUT2N into 10kΩ Line Load)
DAC3 Path Performance (VOUT3LP, VOUT3LN, VOUT3RP and VOUT3N into 10kΩ Line Load)
Signal to Noise Ratio
SNR
Unweighted
103
dB
A-weighted
100
106
dB
A-weighted
fs=96kHz
106
dB
Out of Band Signal to
Noise Ratio (0.6fs to
150kHz)
OBSNR
Fs >
11.025kHz
80
dB
Fs <=
11.025kHz
75
dB
Dynamic Range
DNR
A-weighted
-60dBFS
106
dB
Total Harmonic Distortion
THD
0dBFS
-92
dB
0dBFS
fs=96kHz
-92
dB
Channel Separation
20Hz to 20kHz
102
dB
Channel Level Matching
0dBFS
0.1
dB
Channel Phase Deviation
0.01
°
AVDD Power Supply
Rejection Ratio
AVDD
PSRR
1kHz, 100mVpp on AVDD
75
dB
20Hz to 20kHz, 100mVpp on AVDD
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com