Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050ATR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 3Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VNH5050A-E
Block diagram and pin description
Doc ID 16009 Rev 10
7/33
20
CS_DIS
Active high CMOS compatible pin to disable current sense
pin.
21
ENB/DIAGB
Status of high-side and low-side switches B;
Open drain output.
22
INB
Counter clockwise input.
23, 25, 26, 27, 28, 29, 35
OUTB, Heat
Slug3
Source of high-side switch B / drain of low-side switch B.
30, 31, 32, 33, 34,36
GND_B
Source of low-side switch B.
2, 8, 9, 10, 11, 12, 14
OUTA, Heat
Slug2
Source of high-side switch A / drain of low-side switch A.
1, 3, 4, 5, 6, 7
GND_A
Source of low-side switch A.
Table 5.
Pin functions description
Name
Description
VCC
Battery connection.
GND
Power ground.
OUTA
OUTB
Power connections to the motor.
INA
INB
Voltage controlled input pins with hysteresis, CMOS compatible. These two pins
control the state of the bridge in normal operation according to the truth table (brake
to VCC, Brake to GND, clockwise and counterclockwise).
PWM
Voltage controlled input pin with hysteresis, CMOS compatible.Gates of low-side
FETS get modulated by the PWM signal during their on phase allowing speed control
of the motor.
ENA/DIAGA
ENB/DIAGB
Open drain bidirectional logic pins.These pins must be connected to an external pull
up resistor. When externally pulled low, they disable half-bridge A or B. In case of fault
detection (thermal shutdown of a high-side FET or excessive on-state voltage drop
across a low-side FET), these pins are pulled low by the device (see truth table in fault
condition).
CS
Analog current sense output. This output delivers a current proportional to the motor
current if CS_DIS is low or left open. The information can be read back as an analog
voltage across an external resistor.
CS_DIS
Active high CMOS compatible pin to disable the current sense pin.
Table 4.
Pin definitions and functions (continued)
Pin N°
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com