Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050ATR-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 5 Page - STMicroelectronics

  VNH5050ATR-E Datasheet HTML 1Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 2Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 3Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
VNH5050A-E
Block diagram and pin description
Doc ID 16009 Rev 10
5/33
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Block description
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the
low-side switches according to the truth table.
Undervoltage/overvoltage
Shuts down the device for battery voltage outside the range
(4,5...24V).
High-side and low-side clamp voltage
Protect the high-side and the low-side switches from high
voltage on the battery line.
High-side and low-side driver
Drive the gate of the concerned switch to allow a proper
RDS(on) for the leg of the bridge.
Current limitation
Limits the motor current in case of short circuit.
High-side and low-side
overtemperature protection
In case of short-circuit with the increase of the junction
temperature, it shuts down the concerned driver to prevent
degradation and to protect the die.
Low-side overload detector
Detects when low-side current exceeds shutdown current
and latches off the concerned low-side.
Fault detection
Signalizes an abnormal condition of the switch (output
shorted to ground or output shorted to battery) by pulling
down the concerned ENx/DIAGx pin.
Power limitation
Limits the power dissipation of the high-side driver inside
safe range in case of short to ground condition.
SOURCE_HSA
1/K
SIGNAL
CLAMP
POWER
LIMITATION
FAULT
DETECTION
OV + UV
LSB_OVERTEMPERATURE
HSB_OVERTEMPERATURE
HSA_OVERTEMPERATURE
LSA_OVERTEMPERATURE
LOGIC
CLAMP_LSA
DRIVER
HSA
CLAMP_HSA
CURRENT
LIMITATION_A
HSA
DRIVER
LSA
LSA
GNDA
OVERLOAD
DETECTOR_A
VCC
DIAGA/ENA INA CS CS_DIS PWM INB
DIAGB/ENB
DRIVER
HSB
HSB
CLAMP_HSB
CURRENT
LIMITATION_B
CLAMP_LSB
LSB
GNDB
DRIVER
LSB
OVERLOAD
DETECTOR_B
SOURCE_HSB
1/K
DRAIN_LSA
DRAIN_LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com