Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7013XP-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 4Page - STMicroelectronics VNH7013XP-E Datasheet HTML 5Page - STMicroelectronics VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics VNH7013XP-E Datasheet HTML 10Page - STMicroelectronics VNH7013XP-E Datasheet HTML 11Page - STMicroelectronics VNH7013XP-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical specifications
VNH7013XP-E
8/24
Doc ID 022370 Rev 3
2.2
Electrical characteristics
Tj = 25 °C, unless otherwise specified.
Table 4.
Power off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID =10 mA, VGS = 0 V
36
—
V
IDSS
Zero gate voltage drain
current (VGS=0V)
VDS =28 V;
-40 °C < Tj <150 °C
—
100
µA
VDS =28 V; Tj = 25 °C
—
10
µA
IGSS
Gate-source leakage current
(VDS=0V)
VGS = ±10 V
—
±100
nA
Table 5.
Power on
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VGS(th)
Gate threshold voltage VDS = VGS; ID = 1 mA
2
4
V
dVGS(th)/dT
Gate threshold voltage
temperature derating
VDS = VGS; ID = 1 mA
7.5
mV/°C
RDS(on) HS
Static drain-source on
resistance
VGS = 10 V; ID = 5 A; Tj =25°C
5.7
m
Ω
VGS = 10 V; ID = 5 A; Tj = 150 °C
11.9
m
Ω
RDS(on) LS
Static drain-source on
resistance
VGS = 10 V; ID = 5 A; Tj = 25 °C
7.3
m
Ω
VGS = 10 V; ID = 5 A; Tj = 150 °C
15.1
m
Ω
Table 6.
Dynamic
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Gfs_HS
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
Forward transconductance
VDS =15V; ID =20A;
Tj =25°C
—20
—
S
Gfs_LS
(1)
Forward transconductance
—
17.5
—
S
Ciss_HS
Input capacitance
VDS = 25 V; f = 1 MHz;
VGS =0 V (see Figure 6)
—
1836
—
pF
Coss_HS
Output capacitance
—
426
—
pF
Crss_HS
Reverse transfer capacitance
—
55
—
pF
Ciss_LS
Input capacitance
VDS = 25V; f= 1MHz;
VGS =0 V (see Figure 7)
—
1250
—
pF
Coss_LS
Output capacitance
—
311
—
pF
Crss_LS
Reverse transfer capacitance
—
49
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com