Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7013XP-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics VNH7013XP-E Datasheet HTML 10Page - STMicroelectronics VNH7013XP-E Datasheet HTML 11Page - STMicroelectronics VNH7013XP-E Datasheet HTML 12Page - STMicroelectronics VNH7013XP-E Datasheet HTML 13Page - STMicroelectronics VNH7013XP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical specifications
VNH7013XP-E
10/24
Doc ID 022370 Rev 3
Figure 4.
Gate charge vs gate-source voltage HS
Table 12.
Switching off LSD
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VDD =15V; ID =20A;
RG =4.7 Ω; VGS =10V
(see
Figure 11)
—124
—
ns
tf
Fall time
—
293
—
ns
Table 13.
Thermal sensor(1)
1.
See
Figure 8.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Chain diode forward
voltage
Tj = 25 °C; IF = 250 µA
(see
Figure 8)
3.72
3.88
4.04
V
SF
Chain temperature
coefficient
-40 °C < Tj <175 °C; IF = 250 µA
-8.1
mV/°K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com