Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/RV Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
34
DEVICE DESCRIPTION
INTRODUCTION
The WM8904 is a high performance ultra-low power stereo CODEC optimised for portable audio
applications. Flexible analogue interfaces and powerful digital signal processing (DSP) make it ideal
for small portable devices.
The WM8904 supports up to 6 analogue audio inputs. One pair of single-ended or differential
microphone/line inputs is selected as the ADC input source. An integrated bias reference is provided
to power standard electret microphones.
A two-channel digital microphone interface is also supported, with direct input to the DSP core
bypassing the ADCs.
One pair of ground-reference Class-W headphone outputs is provided; these are powered from an
integrated Charge Pump, enabling high quality, power efficient headphone playback without any
requirement for DC blocking capacitors. A DC Servo circuit is available for DC offset correction,
thereby suppressing pops and reducing power consumption. Two line outputs are provided; these are
also capable of driving ear speakers and stereo headsets. Ground loop feedback is available on the
headphone outputs and the line outputs, providing rejection of noise on the ground connections. All
outputs use Wolfson SilentSwitch™ technology for pop and click suppression.
The stereo ADCs and DACs are of hi-fi quality, using a 24-bit low-order oversampling architecture to
deliver optimum performance. A flexible clocking arrangement supports mixed ADC and DAC sample
rates, whilst an integrated ultra-low power FLL provides additional flexibility. A high pass filter is
available in the ADC path for removing DC offsets and suppressing low frequency noise such as
mechanical vibration and wind noise. A digital mixing path from the ADC to the DAC provides a
sidetone of enhanced quality during voice calls. DAC soft mute and un-mute is available for pop-free
music playback.
The integrated Dynamic Range Controller (DRC) and ReTuneTM Mobile 5-band parametric equaliser
(EQ) provide further processing capability of the digital audio paths. The DRC provides compression
and signal level control to improve the handling of unpredictable signal levels. ‘Anti-clip’ and ‘quick
release’ algorithms improve intelligibility in the presence of transients and impulsive noises. The EQ
provides the capability to tailor the audio path according to the frequency characteristics of an
earpiece or loudspeaker, and/or according to user preferences.
The WM8904 has a highly flexible digital audio interface, supporting a number of protocols, including
I2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power.
The system clock SYSCLK provides clocking for the ADCs, DACs, DSP core, digital audio interface
and other circuits. SYSCLK can be derived directly from the MCLK pin or via an integrated FLL,
providing flexibility to support a wide range of clocking schemes. Typical portable system MCLK
frequencies, and sample rates from 8kHz to 48kHz are all supported. The clocking circuits are
configured automatically from the sample rate (fs) and from the SYSCLK / fs ratio.
The integrated FLL can be used to generate SYSCLK from a wide variety of different reference
sources and frequencies. The FLL can accept a wide range of reference frequencies, which may be
high frequency (e.g. 13MHz) or low frequency (eg. 32.768kHz). The FLL is tolerant of jitter and may
be used to generate a stable SYSCLK from a less stable input signal. The integrated FLL can be
used as a free-running oscillator, enabling autonomous clocking of the Charge Pump and DC Servo if
required.
The WM8904 uses a standard 2-wire control interface, providing full software control of all features,
together with device register readback. An integrated Control Write Sequencer enables automatic
scheduling of control sequences; commonly-used signal configurations may be selected using ready-
programmed sequences, including time-optimised control of the WM8904 pop suppression features.
It is an ideal partner for a wide range of industry standard microprocessors, controllers and DSPs.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents
enable extended standby/off time in portable battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com