Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/RV Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
48
The digital microphone interface requires that MIC1 (Left Channel) transmits a data bit each time that
DMICCLK is high, and MIC2 (Right Channel) transmits when DMICCLK is low. The WM8904 samples
the digital microphone data in the middle of each DMICCLK clock phase. Each microphone must tri-
state its data output when the other microphone is transmitting.
Figure 28 Digital Microphone Interface Timing
The digital microphone interface control fields are described in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R39 (27h)
Digital
Microphone 0
12
DMIC_ENA
0
Enables Digital Microphone mode
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital
microphone interface
When DMIC_ENA = 0, the Digital
microphone clock (DMICCLK) is held
low.
11
DMIC_SRC
0
Selects Digital Microphone Data Input
pin
0 = IN1L/DMICDAT1
1 = IN1R/DMICDAT2
Table 8 Digital Microphone Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com