Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
DCS_TRIG_SING
LE_0
0
Writing 1 to this bit selects a single DC
offset correction for HPOUTL.
In readback, a value of 1 indicates that
the DC Servo single correction is in
progress.
11
DCS_TRIG_SERI
ES_3
0
Writing 1 to this bit selects a series of
DC offset corrections for LINEOUTR.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
10
DCS_TRIG_SERI
ES_2
0
Writing 1 to this bit selects a series of
DC offset corrections for LINEOUTL.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
9
DCS_TRIG_SERI
ES_1
0
Writing 1 to this bit selects a series of
DC offset corrections for HPOUTR.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
8
DCS_TRIG_SERI
ES_0
0
Writing 1 to this bit selects a series of
DC offset corrections for HPOUTL.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
R71 (47h)
DC Servo 4
6:0
DCS_SERIES_N
O_23 [6:0]
010_1010
Number of DC Servo updates to
perform in a series event for
LINEOUTL/LINEOUTR.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
R72 (48h)
DC Servo 5
6:0
DCS_SERIES_N
O_01 [6:0]
010 1010
Number of DC Servo updates to
perform in a series event for
HPOUTL/HPOUTR.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
R69 (45h)
DC Servo 2
11:8
DCS_TIMER_PE
RIOD_23 [3:0]
1010
Time between periodic updates for
LINEOUTL/LINEOUTR. Time is
calculated as 0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
3:0
DCS_TIMER_PE
RIOD_01 [3:0]
1010
Time between periodic updates for
HPOUTL/HPOUTR. Time is calculated
as 0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Table 32 DC Servo Active Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com