Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
22
DYNAMIC RANGE CONTROL (DRC)
The dynamic range controller (DRC) is a circuit which can be enabled in the digital DAC playback
path. The function of the DRC is to adjust the signal gain in conditions where the input amplitude is
unknown or varies over a wide range, e.g. when recording from microphones built into a handheld
system. The DRC can apply Compression and Automatic Level Control to the signal path. It
incorporates ‘anti-clip’ and ‘quick release’ features for handling transients in order to improve
intelligibility in the presence of loud impulsive noises.
The DRC is enabled in the digital DAC playback path by setting DRC_ENA and DRC_DAC_PATH,
as shown in Table 1. Both bits must be set for DRC operation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
15
DRC_ENA
0
DRC enable
0 = disabled
1 = enabled
14
DRC_DAC_PAT
H
0
DRC path select
0 = Reserved
1 = DAC path
Table 1 DRC Enable
COMPRESSION/LIMITING CAPABILITIES
The DRC supports two different compression regions, separated by a “knee” at input amplitude T.
For signals above the knee, the compression slope DRC_HI_COMP applies; for signals below the
knee, the compression slope DRC_LO_COMP applies.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 15.
DRC_KNEE_IP
(Y0)
0dB
DRC_
HI_C
OMP
DR
C_
LO
_C
OM
P
DRC Input Amplitude (dB)
DRC Output Amplitude (dB)
DRC_KNEE_OP
“knee”
Figure 15 DRC Compression Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com