Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/V Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 119Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 120Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 121Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 122Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
119
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R126 (7Eh)
Digital Pulls
7
MCLK_PU
0
MCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
6
MCLK_PD
0
MCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
5
DACDAT_PU
0
DACDAT pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
DACDAT_PD
0
DACDAT pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3
LRCLK_PU
0
LRCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
2
LRCLK_PD
0
LRCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
1
BCLK_PU
0
BCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
0
BCLK_PD
0
BCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
Register 7Eh Digital Pulls
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R127 (7Fh)
Interrupt
Status
10
IRQ
0
Logical OR of all other interrupt flags
9
GPIO_BCLK_E
INT
0
GPIO4 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
8
WSEQ_EINT
0
Write Sequence interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written.
Note that the read value of WSEQ_EINT is not valid
whilst the Write Sequencer is Busy
5
GPIO1_EINT
0
GPIO1 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
2
FLL_LOCK_EI
NT
0
FLL Lock interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
Register 7Fh Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com