Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8224 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8224 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
w
WM8224
60MSPS 3-Channel AFE with Multiple Device Operation
and Programmable Automatic Black Level Calibration
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, June 2012, Rev 4.1
Copyright
2012 Wolfson Microelectronics plc.
DESCRIPTION
The WM8224 is an analogue front end/digitiser IC which
processes and digitises the analogue output signals from
CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 60MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital data is available in
a variety of output formats via the flexible data port.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Clamping to clamp CCD signals. An
external reference level may also be supplied. ADC
references are generated internally, ensuring optimum
performance from the device.
A programmable automatic Black-Level Calibration function
is available to adjust the DC offset of the output data. A
daisy chain feature allows multiple devices to operate
together using the same control interface and output data
bus.
FEATURES
12 or 16-bit ADC, 40MSPS conversion rate
8 or 10-bit ADC, 60MSPS conversion rate
Low power – 360 mW typical
3.3V single supply operation
3 channel operation
Daisy Chain feature for multiple device use
Correlated double sampling
Programmable gain (9-bit resolution)
Programmable offset adjust (8-bit resolution)
Flexible clamp timing
Programmable clamp voltage
Internally generated voltage references
Automatic Black Level Calibration
32-lead QFN package
Serial control interface
APPLICATIONS
Digital Copiers
USB2.0 compatible scanners
Multi-function peripherals
High-speed CCD/CIS sensor interface
BLOCK DIAGRAM


Similar Part No. - WM8224

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8224 CIRRUS-WM8224 Datasheet
847Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation
More results

Similar Description - WM8224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
Multi-Channel 16-Bit Sensor AFE with Background Calibration
logo
Cirrus Logic
WM8224 CIRRUS-WM8224 Datasheet
847Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9760 OMNIVISION-OV9760 Datasheet
610Kb / 2P
automatic black level calibration (ABLC)
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
Automatic Calibration Circuitry
logo
OmniVision Technologies...
OV4686 OMNIVISION-OV4686 Datasheet
827Kb / 2P
automatic black level calibration (ABLC)
OV4685 OMNIVISION-OV4685 Datasheet
5Mb / 2P
automatic black level calibration (ABLC)
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
automatic black level calibration (ABLC)
OV9782 OMNIVISION-OV9782 Datasheet
678Kb / 2P
automatic black level calibration (ABLC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com