Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8224 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
28
METHOD 2: REGISTER WRITE
The start of a line can also be indicated using a register write to TG_REG. The first rising edge of
MCLK after TG_REG goes high will indicate the start of the line. TG_REG shall be automatically set
to zero by the device. This process can be repeated to indicate the start of a second line, as shown
in Figure 25. Set TG_METHOD to ‘00’
Figure 25 Start of Line Indicator Using TG_REG
BLC DURATION CONTROL
DUMMY PIXEL DELAY
Once the start of line has been determined there can be a delay to allow for the dummy pixels at the
start of the sensor to be ignored. This is controlled by BLC_DEL, which is the number of pixels there
should be between the start of line indicator and the start of the BLC routine.
The register BPIX_AVAIL must also be set up for the number of black pixels available to carry out the
calibration. The durations of the Coarse Adjust Calibration and Fine Adjust calibration can then be
determined as detailed below.
Figure 26 BLC Duration Control
COARSE ADJUST CALIBRATION ITERATION DURATION
The duration of one iteration of the Coarse Adjust is an integer number of VSMP periods. The exact
number of VSMP periods depends on the MCLK:VSMP ratio and the number of channels used. The
implementation ensures that there are at least a certain number of MCLK’s per Coarse Adjust
iteration as shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com