Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB63 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB63 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB63 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB63 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
July 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB63 • Rev. 1.0.4
FSUSB63 — 3:1 High-Speed USB 2.0 Switch / Multiplexer
Features
Switch Type
3:1 USB Switch
USB
USB 2.0 High-Speed &
Full-Speed Compliant
Break-Before-Make Time
126µs
RON
6Ω Typical
CON
6pF Typical
Bandwidth
830MHz
VCC
2.7 to 4.4V
VCNTRL
0 to VCC
Operating Temperature
-40°C to 85°C
ICCSLP
<1µA
ICCACT
7.5µA Typical
Package
12- Lead UMLP 1.80 x 1.80 x
0.55mm, 0.40mm pitch
Top Mark
KG
Ordering Information
FSUSB63UMX
Applications
Cell Phone, Digital Camera, Notebook
LCD Monitor, TV, and Set-Top Box
Netbook, Mobile Internet Device (MID)
Description
The FSUSB63 is a bi-directional, low-power, High-Speed
(HS) USB 2.0 3:1 Multiplexer (MUX). It is optimized for
switching among three high-speed (480Mbps) sources or
any combination of high-speed and full-speed (12Mbps)
USB sources, such as an application processor, to one USB
2.0 connector.
The FSUSB63 has a break-before-make time to force re-
enumeration by the host when switching between different
HS USB 2.0 controllers and thus requires minimal software
changes.
The FSUSB63 is compliant with the requirements of USB 2.0
and features extremely low on capacitance (CON). The wide
bandwidth exceeds the requirement to pass the third
harmonic, resulting in signals with minimum edge and phase
distortion.
Superior
channel-to-channel
crosstalk
also
minimizes interference.
Related Resources
For samples and questions, please contact:
Analog.Switch@fairchildsemi.com.
FSUSB63 Demonstration Board
Typical Application
Figure 1. Analog Symbol


Similar Part No. - FSUSB63

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
FSUSB63UMX ONSEMI-FSUSB63UMX Datasheet
874Kb / 11P
3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results

Similar Description - FSUSB63

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
USB 2.0 High/Full Speed Multiplexer
July 11, 2007
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
Fairchild Semiconductor
FSUSB73 FAIRCHILD-FSUSB73 Datasheet
458Kb / 3P
3:1 High-Speed USB Multiplexer and Hub Routing Switch
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
4:1 High-Speed USB Multiplexer/Switch
FSUSB74MPX FAIRCHILD-FSUSB74MPX Datasheet
491Kb / 10P
4:1 High-Speed USB Multiplexer/Switch
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
FSUSB73 ONSEMI-FSUSB73 Datasheet
482Kb / 12P
3:1 High-Speed USB Multiplexer and Hub Routing Switch
April 2012 Rev. 1.0.2
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com