Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB63 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB63 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB63 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB63 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB63 • Rev. 1.0.4
10
Physical Dimensions
Figure 18. 12-Lead, Ultrathin Molded Leadless Package (UMLP)
Ordering Information
Part Number Top Mark Operating Temperature Range
Package
FSUSB63UMX
KG
-40 to +85°C
12-Lead, Quad, Ultrathin Molded Leadless Package (UMLP),
1.8mm x 1.8mm x 0.55mm, 0.4mm pitch
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
A
B
C
SEATING
PLANE
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP12Arev4.
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
DETAIL A
SCALE : 2X
PIN#1 IDENT
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
12
1.80
1.80
0.40
0.25
0.15(12X)
0.35
0.45
2.10
2.10
0.40
0.563
(11X)
0.20
(12X)
1
0.152
9
0.588
DETAIL A
PIN#1 IDENT
(11X)
PACKAGE
EDGE
0.10
0.10
0.45
0.35
0.10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com